Part Number Hot Search : 
MB90M405 100EP 1J153L MB86978 FST16 LTC1095 NE56610 4805E
Product Description
Full Text Search
 

To Download 2SA921 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SA921
Silicon PNP epitaxial planer type
For high breakdown voltage low-noise amplification Complementary to 2SC1980
5.00.2
Unit: mm
4.00.2
q q
High collector to emitter voltage VCEO. Low noise voltage NV. (Ta=25C)
Ratings -120 -120 -5 -50 -20 250 150 -55 ~ +150 Unit V V V mA mA mW C C
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
13.50.5
5.10.2
s Features
0.45 -0.1 1.27
+0.2
0.45 -0.1
1.27
+0.2
123
2.30.2
2.540.15
1:Emitter 2:Collector 3:Base JEDEC:TO-92 EIAJ:SC-43A
s Electrical Characteristics
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Noise voltage
(Ta=25C)
Symbol ICBO ICEO VCBO VCEO VEBO hFE* VCE(sat) fT NV Conditions VCB = -50V, IE = 0 VCE = -50V, IB = 0 IC = -10A, IE = 0 IC = -1mA, IB = 0 IE = -10A, IC = 0 VCE = -5V, IC = -2mA IC = -20mA, IB = -2mA VCB = -5V, IE = 2mA, f = 200MHz VCE = -40V, IC = -1mA, GV = 80dB Rg = 100k, Function FLAT 200 150 -120 -120 -5 180 520 - 0.6 V MHz mV min typ max -100 -1 Unit nA A V V V
*h
FE
Rank classification
R 180 ~ 360 S 260 ~ 520 hFE
Rank
1
Transistor
PC -- Ta
500 -24 Ta=25C 450 -20 IB=-50A -40A -16 -35A -30A -12 -25A -20A -8 -15A -10A -4 -5A 0 0 40 80 120 160 200 0 -2 -4 -6 -8 -10 -12 0 0 - 0.4 - 0.8 -50 25C Ta=75C -25C
2SA921
IC -- VCE
-60 VCE=-5V
IC -- VBE
Collector power dissipation PC (mW)
Collector current IC (mA)
350 300 250 200 150 100 50 0
Collector current IC (mA)
400
-45A
-40
-30
-20
-10
-1.2
-1.6
-2.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
-100 -30 -10 -3 -1 IC/IB=10 1000 900 800 700 600 500 400 300 200 100 0 - 0.1 - 0.3
hFE -- IC
320 VCE=-5V
fT -- IE
VCB=-5V Ta=25C
Forward current transfer ratio hFE
Transition frequency fT (MHz)
-10 -30 -100
280 240 200 160 120 80 40 0 0.1
Ta=75C 25C -25C
- 0.3 - 0.1
25C
Ta=75C
-25C
- 0.03 - 0.01 - 0.1 - 0.3
-1
-3
-10
-30
-100
-1
-3
0.3
1
3
10
30
100
Collector current IC (mA)
Collector current IC (mA)
Emitter current IE (mA)
Cob -- VCB
10 120 IE=0 f=1MHz Ta=25C
NV -- IC
VCE=-10V GV=80dB Function=FLAT
Collector output capacitance Cob (pF)
9 8 7 6 5 4 3 2 1 0 -1
100
Noise voltage NV (mV)
80
Rg=100k
60 22k 40 4.7k 20
-3
-10
-30
-100
0 - 0.01
- 0.03
- 0.1
- 0.3
-1
Collector to base voltage VCB (V)
Collector current IC (mA)
2


▲Up To Search▲   

 
Price & Availability of 2SA921

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X